Part Number Hot Search : 
12016 20001 LIRFZ44 15012 MAX665 UPB586B 1406261 BUT56A
Product Description
Full Text Search
 

To Download 5KP36A-B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transient Voltage Suppression Diodes
Axial Leaded - 5000W > 5KP series
RoHS
5KP Series
Description The 5KP Series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events. Features resistance less than 2A R above 12V soldering guaranteed: 260C/40 seconds / 0.375" , (9.5mm) lead length, 5 lbs., (2.3kg) tension Underwriters Laboratory Flammability classification 94V-O
temperature coefficient Agency Approvals
AGENCY AGENCY FILE NUMBER E128662/E230531
VBR = 0.1% x VBR@25C x T
junction in P600 package capability at 10x1000s waveform, repetition rate (duty cycles):0.01% typically less than 1.0ps from 0 Volts to BV min
Unit W
Maximum Ratings and Thermal Characteristics (TA=25OC unless otherwise noted)
Parameter Peak Pulse Power Dissipation by 10x1000s test waveform (Fig.1) (Note 1) Steady State Power Dissipation on inifinite heat sink at TL=75C (Fig. 5) Peak Forward Surge Current, 8.3ms Single Half Sine Wave Unidirectional only (Note 2) Maximum Instantaneous Forward Voltage at 100A for Unidirectional only (Note 3) Operating Junction and Storage Temperature Range Typical Thermal Resistance Junction to Lead Typical Thermal Resistance Junction to Ambient Symbol PPPM PD IFSM VF TJ , TSTG RuJL RuJA Value 5000 8.0 400 3.5/5.0 -55 to 175 8.0 40
capability
Applications
W A V C C/W C/W
TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in telecom, computer, industrial and consumer electronic applications.
Notes: 1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25OC per Fig. 2. 2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 per minute maximum. 3. VF<3.5V for devices of VBR < 200V and VF<5.0V for devices of VBR > 201V. _ _
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
105 Revision: January 09, 2009
5KP Series
5KP Series
Transient Voltage Suppression Diodes
Axial Leaded - 5000W > 5KP series
Electrical Characteristics
Part Number (Uni)
5KP5.0A 5KP6.0A 5KP6.5A 5KP7 .0A 5KP7 .5A 5KP8.0A 5KP8.5A 5KP9.0A 5KP10A 5KP11A 5KP12A 5KP13A 5KP14A 5KP15A 5KP16A 5KP17A 5KP18A 5KP20A 5KP22A 5KP24A 5KP26A 5KP28A 5KP30A 5KP33A 5KP36A 5KP40A 5KP43A 5KP45A 5KP48A 5KP51A 5KP54A 5KP58A 5KP60A 5KP64A 5KP70A 5KP75A 5KP78A 5KP85A 5KP90A 5KP100A 5KP110A 5KP120A 5KP130A 5KP150A 5KP160A 5KP170A 5KP180A 5KP190A 5KP200A 5KP210A 5KP220A 5KP250A
Part Number (Bi)
5KP5.0CA 5KP6.0CA 5KP6.5CA 5KP7 .0CA 5KP7 .5CA 5KP8.0CA 5KP8.5CA 5KP9.0CA 5KP10CA 5KP11CA 5KP12CA 5KP13CA 5KP14CA 5KP15CA 5KP16CA 5KP17CA 5KP18CA 5KP20CA 5KP22CA 5KP24CA 5KP26CA 5KP28CA 5KP30CA 5KP33CA 5KP36CA 5KP40CA 5KP43CA 5KP45CA 5KP48CA 5KP51CA 5KP54CA 5KP58CA 5KP60CA 5KP64CA 5KP70CA 5KP75CA 5KP78CA 5KP85CA 5KP90CA 5KP100CA 5KP110CA 5KP120CA 5KP130CA 5KP150CA 5KP160CA 5KP170CA 5KP180CA 5KP190CA 5KP200CA 5KP210CA 5KP220CA 5KP250CA
Reverse Stand off Voltage VR (Volts)
5.0 6.0 6.5 7 .0 7 .5 8.0 8.5 9.0 10.0 11.0 12.0 13.0 14.0 15.0 16.0 17 .0 18.0 20.0 22.0 24.0 26.0 28.0 30.0 33.0 36.0 40.0 43.0 45.0 48.0 51.0 54.0 58.0 60.0 64.0 70.0 75.0 78.0 85.0 90.0 100.0 110.0 120.0 130.0 150.0 160.0 170.0 180.0 190.0 200.0 210.0 220.0 250.0
Breakdown Voltage VBR (Volts) @ IT MIN
6.40 6.67 7 .22 7 .78 8.33 8.89 9.44 10.00 11.10 12.20 13.30 14.40 15.60 16.70 17 .80 18.90 20.00 22.20 24.00 26.70 28.90 31.10 33.30 36.70 40.00 44.40 47 .80 50.00 53.30 56.70 60.00 64.40 66.70 71.10 77 .80 83.30 86.70 94.40 100.00 110.00 122.00 133.00 144.00 167 .00 178.00 189.00 200.00 211.00 222.00 233.00 244.00 277 .00
MAX
7 .00 7 .37 7 .98 8.60 9.21 9.83 10.40 11.10 12.30 13.50 14.70 15.90 17 .20 18.50 19.70 20.90 22.10 24.50 26.90 29.50 31.90 34.40 36.80 40.60 44.20 49.10 52.80 55.30 58.90 62.70 66.30 71.20 73.70 78.60 86.00 92.10 95.80 104.00 111.00 123.00 135.00 147 .00 159.00 185.00 197 .00 209.00 221.00 233.00 246.00 258.00 270.00 306.00
Test Current IT (mA)
50 50 50 50 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
Maximum Clamping Voltage VC @ IPP (V)
9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17 .0 18.2 19.9 21.5 23.2 24.4 26.0 27 .6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77 .4 82.4 87 .1 93.6 96.8 103.0 113.0 121.0 126.0 137 .0 146.0 162.0 177 .0 193.0 209.0 243.0 259.0 275.0 292.0 310.0 329.2 349.5 371.1 425.0
Maximum Peak Pulse Current IPP (A)
554.3 495.1 455.4 425.0 395.3 375.0 354.2 331.2 300.0 280.2 256.3 237 .2 219.8 209.0 196.2 184.8 174.7 157 .4 143.7 131.1 121.1 112.3 105.4 95.7 87 .8 79.1 73.5 70.2 65.9 61.9 58.6 54.5 52.7 49.5 45.1 42.1 40.5 37 .2 34.9 31.5 28.8 26.4 24.4 21.0 19.7 18.5 17 .5 16.5 15.5 14.6 13.7 12.0
Maximum Reverse Leakage I R @ VR ( A)
5000 5000 2000 1000 250 150 50 20 15 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2 2
Agency Approval
X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X X
For bidirectional type having VR of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% and VC is 5% higher than with A parts
5KP Series
106 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
Transient Voltage Suppression Diodes
Axial Leaded - 5000W > 5KP series
Ratings and Characteristic Curves (T =25C unless otherwise noted)
A
Figure 1 - Peak Pulse Power Rating Curve
100
Non-repetitive pulse
Figure 2 - Pulse Derating Curve
100
PPPM - Peak Pulse Power (kW)
Peak Pulse Power (kW)
waveform shown in Fig.3 TA=25C
75
10
50
1
25
0.1 0.1s
0 1.0s 10s 100s 1.0ms 10ms 0 25 50 75 100 125 150 175 200 td - Pulse Width (sec.) TA - Ambient Temperature (C)
Figure 3 - Pulse Waveform
150
IPPM- Peak Pulse Current, % IRSM tr=10sec Peak Value IPPM
TJ=25C Pulse Width(td) is defined as the point where the peak current decays to 50% of IPPM
Figure 4 - Typical Junction Capacitance
100000
Bi-directional V=0V
10000
Uni-directional @ VR
Uni-directional V=0V
100
Half Value IPPM IPPM
2
()
10/1000sec. Waveform as defined by R.E.A
Cj (pF)
1000
100
Bi-directional @ VR
50
10
0
td
Tj=25C f=1.0MHz Vsig=50mVp-p
0
1.0
2.0 t-Time (ms)
3.0
4.0
1 1.0
10.0
100.0
1000.0
VBR - Reverse Breakdown Voltage (V)
Figure 5 - Steady State Power Derating Curve
Figure 6 - Maximum Non-Repetitive Peak Forward Surge Current
450 IFSM, Peak Forward Surge Current (A) 400 350 300 250 200 150 100 50 0 1 10 Number of Cycles at 60 Hz 100
9 Steady State Power Dissipation (W) 8 7 6 5 4 3 2 1 0 0 25 50 75 100 125 150 175 200 TL - Lead Temperature(C)
L = 0.375" (9.5mm) Lead Lengths
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
107 Revision: January 09, 2009
5KP Series
5KP Series
Transient Voltage Suppression Diodes
Axial Leaded - 5000W > 5KP series
Soldering Parameters
Reflow Condition - Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (min to max) (ts) Average ramp up rate (Liquidus Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Time (min to max) (ts) 260+0/-5 C 3C/second max 3C/second max 217C
25C t 25C to Peak
TP
tp
Ramp-up Critical Zone TL to TP
150C
Temperature (T)
200C
TL Ts(max)
tL
Ramp-down
Ts(min) ts
Preheat
Time (t)
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
Flow/Wave Soldering (Solder Dipping)
6C/second max 8 minutes Max. 280C Peak Temperature : Dipping Time : Soldering : 265OC 10 seconds 1 time
Physical Specifications
Weight Case Polarity Terminal 0.07oz., 2.1g P600 molded plastic body over passivated junction. Color band denotes the cathode except Bipolar. Matte Tin axial leads, solderable per JESD22-B102D.
Environmental Specifications
Temperature Cycle Pressure Cooker High Temp. Storage HTRB Thermal Shock JESD22-A104 JESD 22-A102 JESD22-A103 JESD22-A108 JESD22-A106
Dimensions
D C A A
Dimensions A B C D
Inches Min 1.000 0.340 0.048 0.340 Max 0.360 0.052 0.360
Millimeters Min 25.40 8.60 1.22 8.60 Max 9.10 1.32 9.10
B
P600
5KP Series
108 Revision: January 09, 2009
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
Transient Voltage Suppression Diodes
Axial Leaded - 5000W > 5KP series
Part Numbering System
5KPxxx XX X
OPTION CODE: BLANK Reel Tape -B Bulk Packaging TYPE CODE: A Uni-Directional (5% Voltage Tolerance) CA Bi-Directional VOLTAGE CODE (Refer to the Electrical Characteristics table) SERIES CODE
Part Marking System
Cathode Band 5KPXXX
F
Littelfuse Logo Product Type
Packaging
Part Number 5KPxxxXX 5KPxxxXX-B Component Package P600 P600 Quantity 800 500 Packaging Option Tape & Reel BULK Packaging Specification EIA STD RS-296E Littelfuse Concord Packing Spec. DM-0016
(c)2009 Littelfuse, Inc. Specifications are subject to change without notice. Please refer to http://www.Littelfuse.com/series/5KP.html for current information.
109 Revision: January 09, 2009
5KP Series
5KP Series


▲Up To Search▲   

 
Price & Availability of 5KP36A-B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X